PART |
Description |
Maker |
AD843SE/883B 5962-9098001M2A 5962-9098001MPA 5962- |
34 MHz, CBFET Fast Settling Op Amp OP-AMP, 4000 uV OFFSET-MAX, 34 MHz BAND WIDTH, UUC8 34 MHz, CBFET Fast Settling Op Amp 34兆赫,CBFET快速沉降运算放大器 34 MHz/ CBFET Fast Settling Op Amp
|
Analog Devices, Inc. http://
|
AD841SH/883B AD841SQ/883B AD841SE/883B AD841JH AD8 |
Wideband, Unity-Gain Stable, Fast Settling Op Amp Wideband, Unity-Gain Stable, Fast Settling Op Amp OP-AMP, 5500 uV OFFSET-MAX, 40 MHz BAND WIDTH, MBCY12 Wideband, Unity-Gain Stable, Fast Settling Op Amp OP-AMP, 5500 uV OFFSET-MAX, 40 MHz BAND WIDTH, CQCC20 Wideband, Unity-Gain Stable, Fast Settling Op Amp OP-AMP, 5500 uV OFFSET-MAX, 40 MHz BAND WIDTH, CDIP14 Wideband/ Unity-Gain Stable/ Fast Settling Op Amp
|
ANALOG DEVICES INC Analog Devices, Inc.
|
OM5007ST OM5005ST OM5006ST OM5002ST OM5001ST OM500 |
15 Amp, 50 To 600 Volts, 35 To 50 ns trr 100V 15A Hi-Rel Ultra-Fast Discrete Diode in a T-2 package 15 AMP ULTRA FAST RECTIFIER IN SMALL HERMETIC PACKAGE 600V 15A Hi-Rel Ultra-Fast Discrete Diode in a T-2 package 150V 15A Hi-Rel Ultra-Fast Discrete Diode in a T-2 package
|
IRF[International Rectifier]
|
LT1587CM-1.5 LT1587-1.5 LT1587CT-1.5 LT1587CM-1.5T |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator
|
LINEAR TECHNOLOGY CORP
|
SDA356 SDA356B SDA356D SDA356G SDA356J SDA356K SDA |
1 A, SILICON, BRIDGE RECTIFIER DIODE FAST & ULTRA FAST 1 AMP RECTIFIER ASSEMBLY
|
SOLID STATE DEVICES INC Solid States Devices, Inc
|
AD380JH AD380SH AD380LH AD380KH AD380 |
Wideband, Fast-Settling FET-Input OP Amp WIDEBAND FAST-SETTING FET-INPUT OP AMP WIDEBAND, FAST-SETTING FET-INPUT OP AMP WIDEBAND/ FAST-SETTING FET-INPUT OP AMP
|
AD[Analog Devices] Analog Devices, Inc.
|
AD841SH_883B AD841SQ_883B AD841SE AD841JH AD841JN |
Wideband, Unity-Gain Stable,Fast Settling Op Amp(宽带,固定单位增益,快速运 Wideband/ Unity-Gain Stable/ Fast Settling Op Amp Wideband, Unity-Gain Stable, Fast Settling Op Amp
|
Analog Devices, Inc. AD[Analog Devices]
|
LT1585-1.5 LT1585A-1.5 LT1585CT-1.5 LT1585ACM-1.5 |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators
|
Linear Technology Corporation LINER[Linear Technology]
|
SFG16UD600 SFG16UD100 SFG16UD400 SFG16UD200 |
Voltage 200V ~600V 16.0 Amp Super Fast Rectifier Voltage 200V ~ 600V16.0 Amp Super Fast Rectifier
|
SeCoS Halbleitertechnologie GmbH SeCoS Halbleitertechnol...
|
ER306 ER302 ER300 ER301 ER301A ER303 ER304 |
3 Amp Super Fast Recovery Rectifier 50 to 600 Volts 3.0A, 150V ultra fast recovery rectifier 3.0A, 100V ultra fast recovery rectifier 3.0A, 50V ultra fast recovery rectifier
|
Micro Commercial Compon... MCC[Micro Commercial Components]
|
IDT74FC2240AT IDT74FC2240CT IDT74FC2240T IDT74FC24 |
Standalone IrDA Encoder & Decoder 8-TSSOP -40 to 85 4-Pin DIP Phototransistor Output Optocoupler; Package: DIP-B; No of Pins: 4; Container: Box Dual Low-Power General-Purpose Operational Amplifier 8-SOIC 0 to 70 快速CMOS八路缓冲线路驱动 Adjustable Precision Shunt Regulator 8-SOIC 0 to 70 快速CMOS八路缓冲线路驱动 High-Performance Impact<TM> Programmable Array Logic Circuits 24-CDIP -55 to 125 快速CMOS八路缓冲线路驱动 FAST CMOS OCTAL BUFFER/LINE DRIVERS 快速CMOS八路缓冲线路驱动 Single 2A High-Speed, Low-Side Gate Driver; Package: MLP; No of Pins: 6; Container: Tape & Reel 快速CMOS八路缓冲线路驱动 128 x 64 pixel format, LED Backlight available 快速CMOS八路缓冲线路驱动 Replaced by SN74ABT2244A : Octal Buffers And Line/MOS Drivers With 3-State Outputs 20-TSSOP -40 to 85 快速CMOS八路缓冲线路驱动 Single Output LDO, 620mA, Fixed(2.85V), SCSI Active Termination, Thermal Overload Protection 20-TSSOP 0 to 125 快速CMOS八路缓冲线路驱动 0.5A Adjustable Low Dropout Linear Regulator; Package: SOT-223; No of Pins: 4; Container: Tape & Reel Fast smos octal buffer/line driver FAST CMOS OCTAL BUFFER/LINE DRIVERS
|
Integrated Device Technolog... IDT[Integrated Device Technology] Integrated Device Technology, Inc. Integrated Device Techn...
|